PART |
Description |
Maker |
SJ871 SJ870 SJ877 SJ879 |
5 V, /-50 ppm, positive ECL crystal clock oscillator 5 V, /-100 ppm, positive ECL crystal clock oscillator 5 V, /-25 ppm, positive ECL crystal clock oscillator 5 V, customer specific, positive ECL crystal clock oscillator
|
NEL Frequency Controls
|
MC100LVE210 |
3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer(3.3V ECL :4:5 差分输出缓冲 3.3 ECL:4:5扇出缓冲器差分电压(3.3V ECL:4,1:5差分输出缓冲器)
|
ON Semiconductor
|
E01-520 E01-521 E01-540 E01-541 E01-542 E01-531 E0 |
CRYSTAL OSCILLATOR, CLOCK, 400 MHz, ECL 100K OUTPUT CRYSTAL OSCILLATOR, CLOCK, 10 MHz, ECL 100K OUTPUT 14 PIN DIP ECL CRYSTAL OSCILLATOR, CLOCK, 10 MHz - 400 MHz, ECL 100K OUTPUT
|
CONNOR WINFIELD CORP Connor-Winfield Corporation
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
SP1648 |
ECL OSCILLATOR
|
ZARLINK[Zarlink Semiconductor Inc]
|
OAE5027AAA OAE2527AAA OAE10027AAA OAE10027AAAC OAE |
ECL and PECL Oscillator
|
List of Unclassifed Man... ETC List of Unclassifed Manufacturers http://
|
HK2910 HK2911 |
5 V, /-100 ppm, differential positive ECL crystal clock oscillator 5 V, /-50 ppm, differential positive ECL crystal clock oscillator
|
NEL Frequency Controls
|
EH91-51 EH91-510 EH91-511 EH91-512 EH91-513 EH91-5 |
SURFACE MOUNT ECL OSCILLATOR
|
Connor-Winfield Corporation
|
ME76XAD-R ME62ZAG-R ME54ZAG-R ME51ZAG-R ME61ZBA-R |
14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator 14引脚DIP.0伏,经过ECL,PECL的,时钟振荡 14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator 14引脚DIP5.0伏,经过ECL,PECL的,时钟振荡
|
MtronPTI
|
ME13ZBD66.6666MHZ ME14JBX-FREQ-OUT20 ME24XBG-FREQ- |
CRYSTAL OSCILLATOR, CLOCK, 66.6666 MHz, ECL 10KH OUTPUT DIP-14/4 CRYSTAL OSCILLATOR, CLOCK, 40 MHz - 200 MHz, ECL 10KH OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40 MHz - 200 MHz, PECL 10KH OUTPUT
|
MtronPTI
|
M3EH51XPA-R M3EH51XPD-R M3EH51XPG-R M3EH51XPX M3EH |
8 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
|
MTRONPTI[MTRONPTI]
|